Part Number Hot Search : 
4622URT 87C511 MB05S 2805D D1146 2SD96 AM70N D1146
Product Description
Full Text Search
 

To Download 10342 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  date: june 2013 ? 2013 desco industries inc. employee owned material type micastat drawing 10200 electrical properties: because the electrical properties of many high pressure laminates have some degree of humidity dependence, all high pressure laminate materials should be carefully tested for adequate performance at low humidity prior to selection and installation. property value test method rtt: 1 x 10 6 to < 1 x 10 10 ohms ansi/esd s4.1 rtg: 1 x 10 6 to < 1 x 10 10 ohms ansi/esd s4.1 rvol: less than 10 8 ohms astm-d257 charge decay: <0.009 seconds ftms-101c, method 4046 measured at 50% and 12% relative humidity. test reports available upon request. color and texture may vary between lots and mills. specifications: construction: high pressure thermoset amino resin laminate thickness: nominal 0.038" (0.96mm) radius: 1.5" radius corner surface: top - non-glare matte finish post forming: 5/8" radius, nema ld 3.14 weight: 0.31 lbs/sq ft (0.151 grams/cm 2 ) abrasion resistance: exceeds nema ld 3-3.01 standards chemical resistance: unaffected by most solvents heat resistance: nema ld 3-3.06, 160f (71c) continuous cleaning: for optimum electrical performance of your esd worksurface, clean regularly with an esd mat cleaner. we suggest using reztore? surface & mat cleaner, item # 10435 or static-wipes item # 10600 . do not use cleaners with silicone. silicone buildup will create an insulative film on the surface. grounding: this material must be properly grounded for optimal electrical performance. see laminate grounding systems and technical bulletin tb-2091 - micastat ? static protective laminate: installation and maintenance. disclaimer: all statements, technical data, and recommendations contained herein are based upon tests we believe to be reliable. however, the accuracy or completeness thereof is not guaranteed. the proper and correct applications of products and data is the responsibility of the user. statements or recommendations not contained herein shall have no force or effect unless embodied in a written agreement signed by authorized officers of desco industries, inc. description: the premium choice for esd bench dissipative worksurfaces. provides a durable and attractive esd controlled dissipative worksurface. resists hot solder and most solvents; exceeds nema standards for wear resistance. conductive layer provides superior charge dissipation and zero voltage suppression. desco wes t: 3651 walnut ave., chino, ca 91710 web site: desco.com phone (909) 627-8178 desco east: one colgate way, canton, ma 02021-1407 phone (781) 821-8370 rohs 2 and reach statement none of the rohs 2 restricted materials or reach substances of very high concern are intentionally added in manufacturing this product. ref: european union directive 2011/65/eu and regulation (ec) no. 1907/2006/ce. limited warranty: desco warrants for one year that micastat ? dissipative laminate products will be free of defects in materials and workman ship and will guarantee dissipative / conductive laminate properties for the life of the product. damage to laminate caused by misuse of any kind, including using inappropriate cleaners is not covered by desco limited warranty. common point ground 09826 3/8" female snap installed bench pad micastat ? kits - item numbers grounding hardware included special sizes available upon request. top -- non-glare matte finish. bottom -- double sided tape to attach. color beige blue grey 24" x 36" 10310 10344 10342 24" x 48" 10350 10384 10382 look for the micastat ? brand on desco laminate sheets - for your protection and auditing purposes. micastat ? sheet size 30" x 10' 30" x 12' 36" x 8' 36" x 10' 36" x 12' 48" x 8' 48" x 12' 60" x 12' blue 10180 10181 10182 10183 10184 10185 10187 10190 beige 10200 10202 10203 10204 10206 10208 10212 10215 white 10240 10242 10243 10244 10246 10248 10252 10255 grey 10290 10291 10292 10293 10294 10295 10297 10300 special sizes available upon request. top -- non-glare matte finish. grounding hardware not included. micastat ? ground kits 14246 & 14244 are recommended. ask for technical bulletin tb-2091 for further information. micastat ? sheets - item numbers micastat ? dissipative laminate tolerance for kits only: width 0.250" length 0.250" every 1 linear foot of running material. specifcations and procedures subject to change without notice. tolerance for sheets only: published sheet sizes are oversized typically by ?" to 1.0" in both width and length directions published dimensions are 0.250"


▲Up To Search▲   

 
Price & Availability of 10342

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X